PART |
Description |
Maker |
HA3-5102-5 |
Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers; Temperature Range: 0
|
Intersil Corporation
|
HA-510204 HA9P5104-9 HA1-5104-2 HA-5102 HA-5104 HA |
Dual and Quad, 8MHz, Low Noise Operational Amplifiers
|
INTERSIL[Intersil Corporation]
|
LT6221 LT6222 LT6220 |
Single/Dual/Quad 60MHz, 20V/s Low Power, Rail-to-Rail Input and Output Precision Op Amp Dual 60MHz, 20V/us Low Power, Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology
|
EL5111 EL5111IWT-T7 EL5111IWT-T7A EL5111IWTZ-T7 EL |
Intersil 60MHz Rail-to-Rail Input-Output Op Amps 2 CHANNEL, VIDEO AMPLIFIER, PDSO8 60MHz Rail-to-Rail Input-Output Op Amps DUAL OP-AMP, 15000 uV OFFSET-MAX, 32 MHz BAND WIDTH, PDSO8 60MHz Rail-to-Rail Input-Output Op Amps 4 CHANNEL, VIDEO AMPLIFIER, PDSO14
|
INTERSIL[Intersil Corporation] 音频/视频放 Intersil, Corp.
|
HA1-5104_883 HA-5104883 HA-5104/883 |
Op Amp, Quad 8MHz, Unity Gain Stable, Low Noise, 883 Compliant Low Noise, High Performance, Quad Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
HS-OP470ARH |
Op Amp, Quad, Low Noise, 4.3nV, 8MHz, 3V/ms, Rad-Hard
|
Intersil
|
HA-5170 HA-517000 |
8MHz, Precision, JFET Input
Operational Amplifier(8MHz 精密JFET运算放大 8MHz, Precision, JFET Input Operational Amplifier Op Amp, 8MHz, Precision, JFET Input, Unity Gain
|
Intersil Corporation
|
RF2670 |
8MHZ DUAL BASEBAND AGC WITH PROGRAMMABLE LOW PASS FILTERING
|
RF Micro Devices, Inc. RFMD[RF Micro Devices]
|
ASM5CVF857-40QT ASM5CVF857-48VT ASM5CVF857-48TR AS |
2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz) 2.5V的宽范围频率时钟驱动器(60MHz 200MHz的) 2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz) PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO48 2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz) PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PBGA56 From old datasheet system
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation
|
AM21L49-70LC AM21L49-70DC AM2149-70DC AM2149-70PC |
1.5A, 500kHz Step-Down Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5A, 500kHz Step-Down Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 100MHz Current Feedback Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 150MHz Video Multiplexers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 150MHz, 250V/µs, AV>/=4 Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C 1.1A, 35MHz Current Feedback Amplifier (CFA); Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C Dual and Quad 45MHz, 400V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 28MHz, 12V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Low Dropout Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 250mA/60MHz Current Feedback Amplifier; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大 Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x4的SRAM x4 SRAM x4的SRAM 150MHz Video Multiplexers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x4的SRAM 23MHz, 50V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Advanced Micro Devices, Inc. Rochester Electronics, LLC TT electronics Semelab, Ltd. Glenair, Inc.
|
80C88/883 80C88 |
Microprocessor, 8/16 Bit, CMOS, 883 Compliant, Process Speed 8MHz Microprocessor, 8/16 Bit, CMOS, Process Speed 5 and 8MHz Microprocessor 3.08V Reset Monitor, -40C to 125C, 3-SC-70, T/R 16位产品的CMOS微处理器
|
Intersil
|
|